PART |
Description |
Maker |
2DAA-F6RLF 2DAA-F6R |
Integrated Passive & Active Device
|
BOURNS[Bourns Electronic Solutions]
|
2FAL-M16R |
Integrated Passive & Active Devices
|
Bourns, Inc.
|
2FAG-M12R |
Integrated Passive & Active Devices
|
Bourns, Inc.
|
2FAI-M16R |
Integrated Passive & Active Device using MLP
|
Bourns, Inc. BOURNS[Bourns Electronic Solutions]
|
2FAA-M20R 1N4148 |
Switching Diode Integrated Passive & Active Device using MLP
|
Bourns, Inc. Yangzhou yangjie electronic co., ltd BOURNS[Bourns Electronic Solutions]
|
2FAF-C10R |
Integrated Passive & Active Device 4 FUNCTIONS, DATA LINE FILTER
|
Bourns, Inc.
|
A1084-A/B A1084-B |
Miniaturized GPS receiver for passive and active antennas
|
Vincotech
|
IP4251CZ8-4 IP4252CZ8-4 IP4253CZ8-4 IP4254CZ8-4 IP |
Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT984-1 (HXSON12U), Reel Pack, SMD, 13" 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT985-1 (HXSON16U), Reel Pack, SMD, 13" 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT983-1 (HXSON8U), Reel Pack, SMD, 13" 4 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 4 FUNCTIONS, 5.6 V, DATA LINE FILTER
|
NXP Semiconductors N.V.
|
TCP-3033N |
3.3 pF Passive Tunable Integrated Circuits
|
ON Semiconductor
|
2222405 |
Integrated Passive Device (Capacitor and Varistor)
|
Vishay Siliconix
|
TCP-3056H |
5.6 pF Passive Tunable Integrated Circuits (PTIC)
|
ON Semiconductor
|
NUF2441FCT1 NUF2441FCT1G NUF2441FC |
Integrated Passive Filter with ESD Protection
|
ONSEMI[ON Semiconductor]
|
|